Part Number Hot Search : 
MTDA20A2 00ETTS 2SC4226W WM8750BL 00069 WM8750BL AP4511M T6816
Product Description
Full Text Search
 

To Download MMBD2835LT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBD2835LT1, MMBD2836LT1 Monolithic Dual Switching Diodes
Features
* Pb-Free Packages are Available
MAXIMUM RATINGS (EACH DIODE)
Rating Reverse Voltage Forward Current MMBD2835LT1 MMBD2836LT1 Symbol VR IF Value 35 75 100 Unit Vdc mAdc
http://onsemi.com
ANODE 3
CATHODE 1 2 CATHODE
THERMAL CHARACTERISTICS
Total Device Dissipation FR- 5 Board (Note 1) TA = 25C Derate above 25C Thermal Resistance, Junction-to-Ambient Total Device Dissipation Alumina Substrate, (Note 2) TA = 25C Derate above 25C Thermal Resistance, Junction-to-Ambient Junction and Storage Temperature PD 225 mW
1 3
1.8 RqJA PD 556 300
mW/C C/W mW
SOT- 23 (TO -236AB) CASE 318 -08 STYLE 12
2
2.4 RqJA TJ, Tstg 417 -55 to +150
mW/C C/W C
MARKING DIAGRAM
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. FR-5 = 1.0 0.75 0.062 in. 2. Alumina = 0.4 0.3 0.024 in. 99.5% alumina.
xxx M G G 1
xxx
= Specific Device Code A3X = MMBD2835LT1 A2X = MMBD2836LT1 M = Date Code G = Pb-Free Package (Note: Microdot may be in either location)
ORDERING INFORMATION
Device MMBD2835LT1 MMBD2835LT1G MMBD2836LT1 MMBD2836LT1G Package SOT-23 Shipping 3000 / Tape & Reel
SOT-23 3000 / Tape & Reel (Pb-Free) SOT-23 3000 / Tape & Reel
SOT-23 3000 / Tape & Reel (Pb-Free)
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
(c) Semiconductor Components Industries, LLC, 2005
1
June, 2005 - Rev. 4
Publication Order Number: MMBD2835LT1/D
MMBD2835LT1, MMBD2836LT1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) (EACH DIODE)
Characteristic OFF CHARACTERISTICS Reverse Breakdown Voltage (IR = 100 mAdc) Reverse Voltage Leakage Current (Note 3) (VR = 30 Vdc) (VR = 50 Vdc) Diode Capacitance (VR = 0 V, f = 1.0 MHz) Forward Voltage (IF = 10 mAdc) Forward Voltage (IF = 50 mAdc) Forward Voltage (IF = 100 mAdc) Reverse Recovery Time (IF = IR = 10 mAdc, IR(REC) = 1.0 mAdc) (Figure 1) 3. For each individual diode while the second diode is unbiased. MMBD2835LT1 MMBD2836LT1 MMBD2835LT1 MMBD2836LT1 CT VF V(BR) IR 35 75 - - - - - - - - - 100 100 4.0 1.0 1.0 1.2 4.0 pF Vdc Vdc nAdc Symbol Min Max Unit
trr
ns
820 W +10 V 2.0 k 100 mH 0.1 mF DUT 50 W OUTPUT PULSE GENERATOR 50 W INPUT SAMPLING OSCILLOSCOPE VR 90% IR INPUT SIGNAL iR(REC) = 1.0 mA OUTPUT PULSE (IF = IR = 10 mA; MEASURED at iR(REC) = 1.0 mA) IF 0.1 mF tr 10% tp t IF trr t
Notes: 1. A 2.0 kW variable resistor adjusted for a Forward Current (IF) of 10 mA. Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA. Notes: 3. tp trr
Figure 1. Recovery Time Equivalent Test Circuit
http://onsemi.com
2
MMBD2835LT1, MMBD2836LT1
CURVES APPLICABLE TO EACH CATHODE
100 I F, FORWARD CURRENT (mA) I R , REVERSE CURRENT (m A) TA = 85C 10 TA = 25C 1.0 10 TA = 150C TA = 125C
TA = -40C
1.0
0.1
TA = 85C TA = 55C
0.01 TA = 25C 0 10 20 30 40 50 VR, REVERSE VOLTAGE (VOLTS)
0.1
0.2
0.4
0.6
0.8
1.0
1.2
0.001
VF, FORWARD VOLTAGE (VOLTS)
Figure 2. Forward Voltage
Figure 3. Leakage Current
1.75 C D , DIODE CAPACITANCE (pF)
1.50
1.25
1.00
0.75
0
2.0
4.0
6.0
8.0
VR, REVERSE VOLTAGE (VOLTS)
Figure 4. Capacitance
http://onsemi.com
3
MMBD2835LT1, MMBD2836LT1
PACKAGE DIMENSIONS
SOT-23 (TO-236) CASE 318-08 ISSUE AL
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. 318-01 THRU -07 AND -09 OBSOLETE, NEW STANDARD 318-08. DIM A A1 b c D E e L HE MIN 0.89 0.01 0.37 0.09 2.80 1.20 1.78 0.35 2.10 MILLIMETERS NOM MAX 1.00 1.11 0.06 0.10 0.44 0.50 0.13 0.18 2.90 3.04 1.30 1.40 1.90 2.04 0.54 0.69 2.40 2.64 MIN 0.035 0.001 0.015 0.003 0.110 0.047 0.070 0.014 0.083 INCHES NOM 0.040 0.002 0.018 0.005 0.114 0.051 0.075 0.021 0.094 MAX 0.044 0.004 0.020 0.007 0.120 0.055 0.081 0.029 0.104
D
3 1 2
E HE
e
A b A1 L C
STYLE 12: PIN 1. CATHODE 2. CATHODE 3. ANODE
SOLDERING FOOTPRINT*
0.95 0.037 0.95 0.037
2.0 0.079 0.9 0.035 0.8 0.031
SCALE 10:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
4
MMBD2835LT1/D


▲Up To Search▲   

 
Price & Availability of MMBD2835LT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X